Part Number Hot Search : 
TDA5147K MC3406 F1415 MC74HC1 LC75710N BZT5X CPC19 70N6T
Product Description
Full Text Search
 

To Download DSB02A20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N6677-1 AVAILABLE IN PER MIL-PRF-19500/610
JAN, JANTX, JANTXV AND JANS
1N6675 thru 1N6677 and DSB0.2A20 thru DSB0.2A40 and DSB0.5A20 thru DSB0.5A40
* 0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS * HERMETICALLY SEALED * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION
MAXIMUM RATINGS - 0.2 AMP DEVICES
Operating Temperature: -65C to +125C Storage Temperature: -65C to +150C Average Rectified Forward Current: 0.2 AMP @TL = +100C, =3/8" Derating: 8.0 mA / C above TL = +100C, L = 3/8" ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
CDI TYPE NUMBER WORKING PEAK REVERSE VOLTAGE VRWM VOLTS 1N6675 1N6676 1N6677 DSB0.2A20 DSB0.2A30 DSB0.2A40 20 30 40 20 30 40 MAXIMUM REVERSE LEAKAGE CURRENT AT RATED VOLTAGE IR @ +25C IR @ +100C mA 0.6 0.6 0.6 0.6 0.6 0.6 MAXIMUM CAPACITANCE @ VR = 0 VOLTS f =1.0 MHz CT PICO FARADS 50 50 50 50 50 50
0.055 / 0.090 1.40 / 12.29
MAXIMUM FORWARD VOLTAGE VF @ 20 mA VF @ 200 mA VF @ 630 mA VOLTS 0.37 0.37 0.37 0.37 0.37 0.37 VOLTS 0.50 0.50 0.50 0.50 0.50 0.50 VOLTS 0.70 0.70 0.70 0.70 0.70 0.70
0.120 / 0.200 3.05 / 5.08
A
5.0 5.0 5.0 5.0 5.0 5.0
0.018 / 0.022 0.457 / 0.559
1.000 25.400
FIGURE 1 MAXIMUM RATINGS - 0.5 AMP DEVICES
Operating Temperature: -65C to +125C Storage Temperature: -65C to +150C Average Rectified Forward Current: 0.5 AMP @ +75C Derating: 6.67 mA / C above +75C ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
MAXIMUM CAPACITANCE @ VR = 0 VOLTS f =1.0 MHz CT PICO FARADS 60 60 60
DESIGN DATA
CASE: Hermetically sealed, DO-35 LEAD MATERIAL: Copper clad steel LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 20 C/W maximum POLARITY: Cathode end is banded. MOUNTING POSITION: Any
CDI TYPE NUMBER
WORKING PEAK REVERSE VOLTAGE VRWM VOLTS
MAXIMUM FORWARD VOLTAGE VF @ 0.1A VOLTS 0.50 0.50 0.50 VF @ 0.5A VOLTS 0.65 0.65 0.65
MAXIMUM REVERSE LEAKAGE CURRENT AT RATED VOLTAGE IR @ +25C IR @ +100C mA 1.0 1.0 1.0
A
10.0 10.0 10.0
DSB0.5A20 DSB0.5A30 DSB0.5A40
20 30 40
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N6675 DSB0.2A20 DSB0.5A20
10.0
thru and thru and thru
1N6677 DSB0.2A40 DSB0.5A40
TYPICAL REVERSE LEAKAGE CURRENT AT RATED PIV (PULSED)
IR, REVERSE CURRENT (mA)
1.0
DSBO.2A40 DSBO.5A40
0.1
DSBO.2A20 DSBO.5A20
0.01
DSBO.2A30 DSBO.5A30
0.001 +25 +50 +75 +100 TJ , JUNCTION TEMPERATURE (C) +125
FIGURE 1
TYPICAL FORWARD VOLTAGE 100.0 IF, FORWARD CURRENT, INSTANTANEOUS (AMPS)
10.0
1.0
0.1
0.01 0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VF, FORWARD VOLTAGE, INSTANTANEOUS (VOLTS)
FIGURE 2


▲Up To Search▲   

 
Price & Availability of DSB02A20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X